| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F030R8 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030R8 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 88 page ![]() DocID024849 Rev 1 33/88 STM32F030x4 STM32F030x6 STM32F030x8 Memory mapping 35 5 Memory mapping Figure 7. STM32F030x memory map Reserved AHB2 0 1 2 3 4 5 6 7 0xFFFF FFFF Peripherals SRAM Flash memory reserved reserved System memory Option Bytes Cortex- M Internal Peripherals 0xE010 0000 MS19840V1 0x0000 0000 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0x0801 0000 0x1FFF EC00 0x1FFF F800 0x1FFF FC00 0x1FFF FFFF 0x0001 0000 reserved CODE reserved 0x4000 0000 0x4000 8000 0x4001 0000 0x4001 8000 reserved 0x4002 0000 0x4800 0000 reserved 0x4800 17FF 0x4002 43FF |