| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F030R8 Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030R8 Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 88 page ![]() DocID024849 Rev 1 27/88 STM32F030x4 STM32F030x6 STM32F030x8 Pinouts and pin descriptions 32 20 14 10 10 PA4 I/O TTa SPI1_NSS, USART1_CK(2) USART2_CK(3), TIM14_CH1 ADC_IN4 21 15 11 11 PA5 I/O TTa SPI1_SCK ADC_IN5 22 16 12 12 PA6 I/O TTa SPI1_MISO, TIM3_CH1, TIM1_BKIN, TIM16_CH1, EVENTOUT ADC_IN6 23 17 13 13 PA7 I/O TTa SPI1_MOSI, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, EVENTOUT ADC_IN7 24 - - - PC4 I/O TTa EVENTOUT ADC_IN14 25 - - - PC5 I/O TTa - ADC_IN15 26 18 14 - PB0 I/O TTa TIM3_CH3, TIM1_CH2N, EVENTOUT ADC_IN8 27 19 15 14 PB1 I/O TTa TIM3_CH4, TIM14_CH1, TIM1_CH3N ADC_IN9 28 20 - - PB2 I/O FT (4) -- 29 21 - - PB10 I/O FT I2C1_SCL(2), I2C2_SCL(3) - 30 22 - - PB11 I/O FT I2C1_SDA(2), I2C2_SDA(3), EVENTOUT - 31 23 16 - VSS S Ground 32 24 17 16 VDD S Digital power supply 33 25 - - PB12 I/O FT SPI1_NSS(2), SPI2_NSS(3), TIM1_BKIN, EVENTOUT - Table 11. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |