| Moteur de recherche de fiches techniques de composants électroniques |
|
CV500-SLK21 Fiches technique(PDF) 31 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Fiches technique(HTML) 31 Page - Omron Electronics LLC |
|
31 / 182 page ![]() 18 When only one Expansion I/O Rack is required, a simplified system configura- tion may be used. The CPU Backplane can be connected directly to the Expan- sion I/O Backplane without the use of the I/O Control and I/O Interface Units. Ter- mination Resistance Units are also not required. All Units except for CPU Bus Units (Temperature Controller Data Link Units, SYSMAC NET Link Units, SYSMAC LINK Units, SYSMAC BUS/2 Masters, Ethernet Units, Personal Computer Units, and BASIC Units) can be mounted to any of the Backplanes for which they listed in the following diagram. CPU Bus Units can be mounted to any slot on any CPU Backplane except for the CVM1-BC053 or CVM1-BC103 Backplane, on which CPU Bus Units can be mounted only to the rightmost 3 and 6 slots, respectively. I/O Connecting Cable CV500-CN jj3 I/O Backplane CV500-BI042/062/112 or CVM1-BI064/114 Power Supply Unit CV500-PS221/PS211 or CVM1-PA208 4/6/11 slots C500 I/O Units C500 Special I/O Units SYSMAC BUS Masters CPU Backplane: CV500-BC031/051/101 or CVM1-BC053/103 Power Supply Unit: CV500-PS221/PS211 or CVM1-PA208 CPU: CV500-CPU01-EV1, CV1000-CPU01-EV1, CV2000-CPU01-EV1, CVM1-CPU01-EV2, CVM1-CPU11-EV2, or CVM1-CPU21-EV2 3, 5, or 10 slots SYSMAC NET Link Units SYSMAC LINK Units SYSMAC BUS/2 Masters Personal Computer Units BASIC Units C500 I/O Units C500 Special I/O Units SYSMAC BUS Masters Systems with a Single Expansion I/O Rack System Configuration Section 2-1 |