| Moteur de recherche de fiches techniques de composants électroniques |
|
CV500-SLK21 Fiches technique(PDF) 25 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Fiches technique(HTML) 25 Page - Omron Electronics LLC |
|
25 / 182 page ![]() 12 1-8 CPU Comparison The following table shows differences between the various CV-series CPUs. CPU CVM1- CPU01-EV2 CVM1- CPU11-EV2 CVM1- CPU21-EV2 CV500- CPU01-EV1 CV1000- CPU01-EV1 CV2000- CPU01-EV1 P Ladder diagrams Supported Supported Supported Supported Supported Supported Program- ming SFC Not supported Not supported Not supported Supported Supported Supported ming Instructions 284 284 285 169 170 170 Speed Basic instructions (ms) 0.15 to 0.45 0.125 to 0.375 0.125 to 0.375 0.15 to 0.45 0.125 to 0.375 0.125 to 0.375 Other instructions (ms) 0.6 to 9.9 0.5 to 8.25 0.5 to 8.25 0.6 to 9.9 0.5 to 8.25 0.5 to 8.25 Program capacity (see note) 30K words 30K words 62K words 30K words 62K words 62K words Local I/O capacity 512 pts 1,024 pts 2,048 pts 512 pts 1,024 pts 2,048 pts Remote I/O SYSMAC BUS/2 1,024 pts 2,048 pts 2,048 pts 1,024 pts 2,048 pts 2,048 pts I/O capacity SYSMAC BUS 512 pts 1,024 pts 2,048 pts 512 pts 1,024 pts 1,024 pts DM Area 8K words 24K words 24K words 8K words 24K words 24K words Expansion DM Area Not supported Not supported 32K words each for 8 banks Not supported 32K words each for 8 banks 32K words each for 8 banks Timers 512 1,024 1,024 512 1,024 1,024 Counters 512 1,024 1,024 512 1,024 1,024 SFC steps None None None 512 1,024 1,024 Step Flags None None None 512 1,024 1,024 Transition Flags None None None 512 1,024 1,024 Note The useable program capacity is 28K words or 60K words. 1-9 Improved Specifications 1-9-1 Upgraded Specifications The following improvements are applicable to all CV500-CPU01-E and CV1000-CPU01-E CPUs with lot numbers in which the rightmost digit is 3 ( jjj3) or higher. 1, 2, 3... 1. The MLPX(110) (4-TO-16 DECODER) instruction has been improved to also function as a 8-to-256 decoder and the DMPX(111) (16-TO-4 ENCOD- ER) instruction has been improved to also function as a 256-to-8 encoder. To enable this improvement, the digit designator (Di) has been changed as shown below. Specifies the first digit to be converted 4-to-16/16-to-4: 0 to 3 8-to-256/256-to-8: 0 or 1 Number of digits to be converted 4-to-16/16-to-4: 0 to 3 (1 to 4 digits) 8-to-256/256-to-8: 0 or 1 (1 or 2 digits) Process 0: 4-to-16/16-to-4 1: 8-to-256/256-to-8 Digit number: 321 0 0 2. The following operating parameter has been added to the PC Setup. JMP(004) 0000 Processing Y: Enable multiple usage (default) N: Disable multiple usage Improved Specifications Section 1-9 |