Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70KFILM Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce BAS70KFILM
Description  Low capacitance, low series inductance and resistance Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70KFILM Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button BAS70KFILM Datasheet HTML 3Page - STMicroelectronics BAS70KFILM Datasheet HTML 4Page - STMicroelectronics BAS70KFILM Datasheet HTML 5Page - STMicroelectronics BAS70KFILM Datasheet HTML 6Page - STMicroelectronics BAS70KFILM Datasheet HTML 7Page - STMicroelectronics BAS70KFILM Datasheet HTML 8Page - STMicroelectronics BAS70KFILM Datasheet HTML 9Page - STMicroelectronics BAS70KFILM Datasheet HTML 10Page - STMicroelectronics BAS70KFILM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BAS70
Package information
Doc ID 12563 Rev 2
7/14
Figure 17.
SOD-323 footprint (dimensions in mm)
Table 7.
SOD-323 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.17
0.046
A1
0
0.1
0
0.004
b
0.25
0.44
0.01
0.017
c
0.1
0.25
0.004
0.01
D
1.52
1.8
0.06
0.071
E
1.11
1.45
0.044
0.057
H
2.3
2.7
0.09
0.106
L
0.1
0.46
0.004
0.02
Q1
0.1
0.41
0.004
0.016
H
b
D
E
A1
A
L
Q1
c
3.20
0.54
1.08
1.06
1.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14