| Moteur de recherche de fiches techniques de composants électroniques |
|
FX3 Fiches technique(PDF) 21 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
FX3 Fiches technique(HTML) 21 Page - Cypress Semiconductor |
|
21 / 45 page ![]() CYUSB301X Document Number: 001-52136 Rev. *N Page 21 of 45 B6 PWR CVDDQ B5 PWR U3TXVDDQ A2 PWR U3RXVDDQ C11 PWR VIO5 L11 PWR VSS A7 PWR AVDD B7 PWR AVSS C3 PWR VDD B8 PWR VSS E9 PWR VDD B9 PWR VSS F11 PWR VDD H1 PWR VDD L7 PWR VDD J11 PWR VDD L5 PWR VDD K4 PWR VSS L3 PWR VSS K3 PWR VSS L2 PWR VSS A8 PWR VSS Precision Resistors C8 VBUS/VBATT I/O R_usb2 Precision resistor for USB 2.0 (Connect a 6.04 k ±1% resistor between this pin and GND) B3 U3TXVDDQ I/O R_usb3 Precision resistor for USB 3.0 (Connect a 200 ±1% resistor between this pin and GND) Table 8. CYUSB3011 and CYUSB3013 Pin List (GPIF II with 16-bit Data Bus Width) (continued) Pin I/O Name Description |