Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX3 Fiches technique(PDF) 15 Page - Cypress Semiconductor

No de pièce FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Fiches technique(HTML) 15 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 11Page - Cypress Semiconductor FX3 Datasheet HTML 12Page - Cypress Semiconductor FX3 Datasheet HTML 13Page - Cypress Semiconductor FX3 Datasheet HTML 14Page - Cypress Semiconductor FX3 Datasheet HTML 15Page - Cypress Semiconductor FX3 Datasheet HTML 16Page - Cypress Semiconductor FX3 Datasheet HTML 17Page - Cypress Semiconductor FX3 Datasheet HTML 18Page - Cypress Semiconductor FX3 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 15 of 45
Pin Description
Table 7. CYUSB3012 and CYUSB3014 Pin List (GPIF II with 32-bit Data Bus Width)
BGA
WLCSP
I/O
Name
Description
GPIF II (VIO1 Power Domain)
GPIF II Interface
Slave FIFO Interface
F10
F1
VIO1
I/O
GPIO[0]
DQ[0]
DQ[0]
F9
F2
VIO1
I/O
GPIO[1]
DQ[1]
DQ[1]
F7
G1
VIO1
I/O
GPIO[2]
DQ[2]
DQ[2]
G10
E3
VIO1
I/O
GPIO[3]
DQ[3]
DQ[3]
G9
F3
VIO1
I/O
GPIO[4]
DQ[4]
DQ[4]
F8
J1
VIO1
I/O
GPIO[5]
DQ[5]
DQ[5]
H10
G2
VIO1
I/O
GPIO[6]
DQ[6]
DQ[6]
H9
G3
VIO1
I/O
GPIO[7]
DQ[7]
DQ[7]
J10
H2
VIO1
I/O
GPIO[8]
DQ[8]
DQ[8]
J9
G4
VIO1
I/O
GPIO[9]
DQ[9]
DQ[9]
K11
J2
VIO1
I/O
GPIO[10]
DQ[10]
DQ[10]
L10
K2
VIO1
I/O
GPIO[11]
DQ[11]
DQ[11]
K10
H3
VIO1
I/O
GPIO[12]
DQ[12]
DQ[12]
K9
L2
VIO1
I/O
GPIO[13]
DQ[13]
DQ[13]
J8
H4
VIO1
I/O
GPIO[14]
DQ[14]
DQ[14]
G8
J3
VIO1
I/O
GPIO[15]
DQ[15]
DQ[15]
J6
K6
VIO1
I/O
GPIO[16]
PCLK
CLK
K8
L3
VIO1
I/O
GPIO[17]
CTL[0]
SLCS#
K7
H5
VIO1
I/O
GPIO[18]
CTL[1]
SLWR#
J7
J4
VIO1
I/O
GPIO[19]
CTL[2]
SLOE#
H7
H6
VIO1
I/O
GPIO[20]
CTL[3]
SLRD#
G7
K5
VIO1
I/O
GPIO[21]
CTL[4]
FLAGA
G6
J5
VIO1
I/O
GPIO[22]
CTL[5]
FLAGB
K6
L6
VIO1
I/O
GPIO[23]
CTL[6]
GPIO
H8
K3
VIO1
I/O
GPIO[24]
CTL[7]
PKTEND#
G5
J6
VIO1
I/O
GPIO[25]
CTL[8]
GPIO
H6
K7
VIO1
I/O
GPIO[26]
CTL[9]
GPIO
K5
J7
VIO1
I/O
GPIO[27]
CTL[10]
GPIO
J5
K8
VIO1
I/O
GPIO[28]
CTL[11]
A1
H5
L8
VIO1
I/O
GPIO[29]
CTL[12]
A0
G4
L9
VIO1
I/O
GPIO[30]
PMODE[0]
PMODE[0]
H4
J8
VIO1
I/O
GPIO[31]
PMODE[1]
PMODE[1]
L4
K9
VIO1
I/O
GPIO[32]
PMODE[2]
PMODE[2]
L8
K4
VIO1
I/O
INT#
INT#/CTL[15]
CTL[15]
C5
D8
CVDDQ
I
RESET#
RESET#
RESET#
Note
3. When GPIF II is configured for the 32-bit data bus width, GPIO[50]-GPIO[52] may be configured as GPIOs or I2S, and GPIO[53] to GPIO[56] may be configured as
GPIOs or UART interface only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45