Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYUSB201X Fiches technique(PDF) 16 Page - Cypress Semiconductor

No de pièce CYUSB201X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB201X Fiches technique(HTML) 16 Page - Cypress Semiconductor

Back Button CYUSB201X Datasheet HTML 12Page - Cypress Semiconductor CYUSB201X Datasheet HTML 13Page - Cypress Semiconductor CYUSB201X Datasheet HTML 14Page - Cypress Semiconductor CYUSB201X Datasheet HTML 15Page - Cypress Semiconductor CYUSB201X Datasheet HTML 16Page - Cypress Semiconductor CYUSB201X Datasheet HTML 17Page - Cypress Semiconductor CYUSB201X Datasheet HTML 18Page - Cypress Semiconductor CYUSB201X Datasheet HTML 19Page - Cypress Semiconductor CYUSB201X Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 16 of 45
IO2 (VIO2 Power Domain)
GPIF II (32-bit data mode)
K2
K10
VIO2
I/O
GPIO[33]
DQ[16]
GPIO
J4
K11
VIO2
I/O
GPIO[34]
DQ[17]
GPIO
K1
K12
VIO2
I/O
GPIO[35]
DQ[18]
GPIO
J2
J9
VIO2
I/O
GPIO[36]
DQ[19]
GPIO
J3
J10
VIO2
I/O
GPIO[37]
DQ[20]
GPIO
J1
J11
VIO2
I/O
GPIO[38]
DQ[21]
GPIO
H2
H8
VIO2
I/O
GPIO[39]
DQ[22]
GPIO
H3
H11
VIO2
I/O
GPIO[40]
DQ[23]
GPIO
F4
H10
VIO2
I/O
GPIO[41]
DQ[24]
GPIO
G2
H9
VIO2
I/O
GPIO[42]
DQ[25]
GPIO
G3
G11
VIO2
I/O
GPIO[43]
DQ[26]
GPIO
F3
G10
VIO2
I/O
GPIO[44]
DQ[27]
GPIO
F2
G09
VIO2
I/O
GPIO[45]
GPIO
IO3 (VIO3 Power Domain)
GPIO + SPI
GPIO + UART
GPIO
only
GPIF II - 32b +
I2S + UART[3]
GPIO +
I2S
UART +
SPI + I2S
F5
F11
VIO3
I/O
GPIO[46]
GPIO
GPIO
GPIO
DQ[28]
GPIO
UART_RT
S
E1
F10
VIO3
I/O
GPIO[47]
GPIO
GPIO
GPIO
DQ[29]
GPIO
UART_CT
S
E5
E11
VIO3
I/O
GPIO[48]
GPIO
GPIO
GPIO
DQ[30]
GPIO
UART_TX
E4
D12
VIO3
I/O
GPIO[49]
GPIO
GPIO
GPIO
DQ[31]
GPIO
UART_R
X
D1
D11
VIO3
I/O
GPIO[50]
GPIO
GPIO
GPIO
I2S_CLK
GPIO
I2S_CLK
D2
E10
VIO3
I/O
GPIO[51]
GPIO
GPIO
GPIO
I2S_SD
GPIO
I2S_SD
D3
E9
VIO3
I/O
GPIO[52]
GPIO
GPIO
GPIO
I2S_WS
GPIO
I2S_WS
IO4 (VIO4) Power Domain
D4
D10
VIO4
I/O
GPIO[53]
SPI_SCK
UART_RTS
GPIO
UART_RTS
GPIO
SPI_SCK
C1
D9
VIO4
I/O
GPIO[54]
SPI_SSN
UART_CTS
GPIO
UART_CTS
I2S_CLK
SPI_SSN
C2
B12
VIO4
I/O
GPIO[55]
SPI_MISO
UART_TX
GPIO
UART_TX
I2S_SD
SPI_MIS
O
D5
C12
VIO4
I/O
GPIO[56]
SPI_MOSI
UART_RX
GPIO
UART_RX
I2S_WS
SPI_MOS
I
C4
E12
VIO4
I/O
GPIO[57]
GPIO
GPIO
GPIO
I2S_MCLK
I2S_MCL
K
I2S_MCL
K
USB Port (VBATT/VBUS Power Domain)
C9
C3
VBUS/
VBATT
I
OTG_ID
OTG_ID
USB Port (U3TXVDDQ/U3RXVDDQ Power Domain)
A3
A10
U3RXVD
DQ
I
SSRXM
SSRX-
A4
B10
U3RXVD
DQ
I
SSRXP
SSRX+
A6
A8
U3TXVD
DQ
O
SSTXM
SSTX-
A5
B8
U3TXVD
DQ
O
SSTXP
SSTX+
Table 7. CYUSB3012 and CYUSB3014 Pin List (GPIF II with 32-bit Data Bus Width) (continued)
BGA
WLCSP
I/O
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45