Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP324N/PB Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LP324N/PB
Description  LP324-N/LP2902-N Micropower Quad Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP324N/PB Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LP324N/PB Datasheet HTML 3Page - Texas Instruments LP324N/PB Datasheet HTML 4Page - Texas Instruments LP324N/PB Datasheet HTML 5Page - Texas Instruments LP324N/PB Datasheet HTML 6Page - Texas Instruments LP324N/PB Datasheet HTML 7Page - Texas Instruments LP324N/PB Datasheet HTML 8Page - Texas Instruments LP324N/PB Datasheet HTML 9Page - Texas Instruments LP324N/PB Datasheet HTML 10Page - Texas Instruments LP324N/PB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LP2902-N, LP324-N
www.ti.com
SNOSBX6C – SEPTEMBER 1999 – REVISED MARCH 2013
The circuits presented in the section on typical applications emphasize operation on only a single power supply
voltage. If complementary power supplies are available, all of the standard op amp circuits can be used. In
general, introducing a pseudo-ground (a bias voltage reference to V+/2) will allow operation above and below this
value in single power supply systems. Many application circuits are shown which take advantage of the wide
input common-mode voltage range which includes ground. In most cases, input biasing is not required and input
voltages which range to ground can easily be accommodated.
Figure 16. Driving CMOS
Figure 17. Comparator with Hysteresis
Figure 18. Non-Inverting Amplifier
Figure 19. Adder/Subtractor
Figure 20. Unity Gain Buffer
Figure 21. Positive Integrator
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2902-N LP324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18