| Moteur de recherche de fiches techniques de composants électroniques |
|
LP324N/PB Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP324N/PB Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 18 page ![]() LP2902-N, LP324-N SNOSBX6C – SEPTEMBER 1999 – REVISED MARCH 2013 www.ti.com Simplified Schematic These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Supply Voltage LP324-N 32V or ± 16V LP2902-N 26V or ± 13V Differential Input Voltage LP324-N 32V LP2902-N 26V Input Voltage(3) LP324-N −0.3V to 32V LP2902-N −0.3V to 26V Output Short-Circuit to GND (One Amplifier)(4) Continuous V+ ≤ 15V and TA = 25°C ESD Susceptibility(5) ±500V (1) “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) The input voltage is not allowed to go more than −0.3V below V− (GND) as this will turn on a parasitic transistor causing large currents to flow through the device. (4) Short circuits from the output to GND can cause excessive heating and eventual destruction. The maximum sourcing output current is approximately 30 mA independent of the magnitude of V+. At values of supply voltage in excess of 15 VDC, continuous short-circuit to GND can exceed the power dissipation ratings (particularly at elevated temperatures) and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers. (5) The test circuit used consists of the human body model of 100 pF in series with 1500 Ω. 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LP2902-N LP324-N |