| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECBC72 Fiches technique(PDF) 113 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 Fiches technique(HTML) 113 Page - Texas Instruments |
|
113 / 264 page ![]() OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Table 2-24. General-Purpose IOs Signals Description (continued) SIGNAL NAME DESCRIPTION TYPE(2) BALL BOTTOM BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) gpio_148 General-purpose IO 148 IO AA8 L4 W7 gpio_149 General-purpose IO 149 IO AA9 R2 W6 gpio_150 General-purpose IO 150 IO W8 W2 AC2 gpio_151 General-purpose IO 151 IO Y8 H3 V7 gpio_152 General-purpose IO 152 IO AE1 V3 NA gpio_153 General-purpose IO 153 IO AD1 U4 NA gpio_154 General-purpose IO 154 IO AD2 R3 NA gpio_155 General-purpose IO 155 IO AC1 T3 NA gpio_156 General-purpose IO 156 IO Y21 U19 W19 gpio_157 General-purpose IO 157 IO AA21 V17 AB20 gpio_158 General-purpose IO 158 IO V21 U17 W18 gpio_159 General-purpose IO 159 IO U21 T20 Y18 gpio_160 General-purpose IO 160 IO T21 T19 AA18 gpio_161 General-purpose IO 161 IO K26 P20 AA19 gpio_162 General-purpose IO 162 IO W21 T17 V18 gpio_163 General-purpose IO 163 IO H18 F23 A23 gpio_164 General-purpose IO 164 IO H19 F24 B23 gpio_165 General-purpose IO 165 IO H20 H24 B24 gpio_166 General-purpose IO 166 IO H21 G24 C23 gpio_167 General-purpose IO 167 IO B23 A23 F18 gpio_168 General-purpose IO 168 IO AF15 C2 AC15 gpio_169 General-purpose IO 169 IO U26 W20 U23 gpio_170 General-purpose IO 170 IO J25 J23 A24 gpio_171 General-purpose IO 171 IO AB3 P9 T5 gpio_172 General-purpose IO 172 IO AB4 P8 R4 gpio_173 General-purpose IO 173 IO AA4 P7 T4 gpio_174 General-purpose IO 174 IO AC2 R7 T6 gpio_175 General-purpose IO 175 IO AC3 R8 NA gpio_176 General-purpose IO 176 IO AB1 R9 NA gpio_177 General-purpose IO 177 IO AB2 T8 R5 gpio_178 General-purpose IO 178 IO AA3 W7 N5 gpio_179 General-purpose IO 179 IO Y2 W8 N4 gpio_180 General-purpose IO 180 IO Y3 U8 N3 gpio_181 General-purpose IO 181 IO Y4 V8 M5 gpio_182 General-purpose IO 182 IO V3 V9 M4 gpio_183 General-purpose IO 183 IO AE15 C1 AC14 gpio_184 General-purpose IO 184 IO AF14 AB4 AC13 gpio_185 General-purpose IO 185 IO AG14 AC4 AC12 gpio_186 General-purpose IO 186 IO AE22 W11 AA6 gpio_188 General-purpose IO 188 IO U25 W17 W24 gpio_189 General-purpose IO 189 IO V28 Y18 V23 gpio_190 General-purpose IO 190 IO V27 Y19 W23 gpio_191 General-purpose IO 191 IO V26 Y17 T22 Submit Documentation Feedback TERMINAL DESCRIPTION 113 |