Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBC72 Fiches technique(PDF) 36 Page - Texas Instruments

No de pièce OMAP3530ECBC72
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC72 Fiches technique(HTML) 36 Page - Texas Instruments

Back Button OMAP3530ECBC72 Datasheet HTML 32Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 33Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 34Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 35Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 36Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 37Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 38Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 39Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 264 page
background image
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
Table 2-1. Ball Characteristics (CBB Pkg.) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
gpio_129
4
IO
safe_mode
7
AE2
NA
mmc2_clk
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_clk
1
IO
gpio_130
4
IO
safe_mode
7
AG5
NA
mmc2_ cmd
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_
1
IO
simo
gpio_131
4
IO
safe_mode
7
AH5
NA
mmc2_ dat0
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_
1
IO
somi
gpio_132
4
IO
safe_mode
7
AH4
NA
mmc2_ dat1
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_133
4
IO
safe_mode
7
AG4
NA
mmc2_ dat2
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_cs1
1
O
gpio_134
4
IO
safe_mode
7
AF4
NA
mmc2_ dat3
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_cs0
1
IO
gpio_135
4
IO
safe_mode
7
AE4
NA
mmc2_ dat4
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mmc2_dir_da 1
O
t0
mmc3_dat0
3
IO
gpio_136
4
IO
safe_mode
7
AH3
NA
mmc2_ dat5
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mmc2_dir_da 1
O
t1
cam_global_r 2
IO
eset
mmc3_dat1
3
IO
gpio_137
4
IO
hsusb3_tll_st 5
IO
p
mm3_rxdp
6
IO
safe_mode
7
AF3
NA
mmc2_ dat6
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mmc2_dir_
1
O
cmd
cam_ shutter 2
O
mmc3_dat2
3
IO
gpio_138
4
IO
hsusb3_tll_di 5
IO
r
safe_mode
7
AE3
NA
mmc2_ dat7
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mmc2_ clkin 1
I
mmc3_dat3
3
IO
gpio_139
4
IO
TERMINAL DESCRIPTION
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More