| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECBC72 Fiches technique(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 Fiches technique(HTML) 40 Page - Texas Instruments |
|
40 / 264 page ![]() OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Table 2-1. Ball Characteristics (CBB Pkg.) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] U26 NA hsusb0_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS data3 uart3_cts_ 2 IO rctx gpio_169 4 IO safe_mode 7 U25 NA hsusb0_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS data4 gpio_188 4 IO safe_mode 7 V28 NA hsusb0_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS data5 gpio_189 4 IO safe_mode 7 V27 NA hsusb0_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS data6 gpio_190 4 IO safe_mode 7 V26 NA hsusb0_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS data7 gpio_191 4 IO safe_mode 7 K21 NA i2c1_scl 0 IOD H H 0 vdds Yes 4 PU/ PD Open Drain J21 NA i2c1_sda 0 IOD H H 0 vdds Yes 4 PU/ PD Open Drain AF15 NA i2c2_scl 0 IOD H H 7 vdds Yes 4 PU/ PD Open Drain gpio_168 4 IO safe_mode 7 AE15 NA i2c2_sda 0 IOD H H 7 vdds Yes 4 PU/ PD Open Drain gpio_183 4 IO safe_mode 7 AF14 NA i2c3_scl 0 IOD H H 7 vdds Yes 4 PU/ PD Open Drain gpio_184 4 IO safe_mode 7 AG14 NA i2c3_sda 0 IOD H H 7 vdds Yes 4 PU/ PD Open Drain gpio_185 4 IO safe_mode 7 AD26 NA i2c4_scl 0 IOD H H 0 vdds Yes 4 PU/ PD Open Drain sys_ 1 O nvmode1 safe_mode 7 AE26 NA i2c4_sda 0 IOD H H 0 vdds Yes 4 PU/ PD Open Drain sys_ 1 O nvmode2 safe_mode 7 J25 NA hdq_sio 0 IOD H H 7 vdds Yes 4 PU/ PD LVCMOS sys_altclk 1 I i2c2_sccbe 2 O i2c3_sccbe 3 O gpio_170 4 IO safe_mode 7 AB3 NA mcspi1_clk 0 IO L L 7 vdds Yes 4 (3) PU/ PD LVCMOS mmc2_dat4 1 IO gpio_171 4 IO safe_mode 7 AB4 NA mcspi1_ 0 IO L L 7 vdds Yes 4 (3) PU/ PD LVCMOS simo mmc2_dat5 1 IO gpio_172 4 IO TERMINAL DESCRIPTION 40 Submit Documentation Feedback |