Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8275VR Fiches technique(PDF) 64 Page - Freescale Semiconductor, Inc

No de pièce MPC8275VR
Description  MPC8280 PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8275VR Fiches technique(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8275VR Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
64
Freescale Semiconductor
Pinout
D20
M2
D21
K2
D22
J1
D23
G4
D24
U5
D25
T5
D26
P5
D27
P3
D28
M3
D29
K3
D30
H2
D31
G5
D32
AA1
D33
V2
D34
U1
D35
P2
D36
M4
D37
K4
D38
H3
D39
F2
D40
Y2
D41
U3
D42
T2
D43
N2
D44
M5
D45
K1
D46
H4
D47
F1
D48
W2
D49
T4
D50
R3
D51
N4
D52
M1
Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com