Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8275VR Fiches technique(PDF) 24 Page - Freescale Semiconductor, Inc

No de pièce MPC8275VR
Description  MPC8280 PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8275VR Fiches technique(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8275VR Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
24
Freescale Semiconductor
AC Electrical Characteristics
This figure shows signal behavior for all parity modes (including ECC, RMW parity, and standard parity).
Figure 10. Parity Mode Diagram
This figure shows signal behavior in MEMC mode.
Figure 11. MEMC Mode Diagram
NOTE
Generally, all SoC bus and system output signals are driven from the rising
edge of the input clock (CLKin). Memory controller signals, however,
trigger on four points within a CLKin cycle. Each cycle is divided by four
internal ticks: T1, T2, T3, and T4. T1 always occurs at the rising edge, and
T3 at the falling edge, of CLKin. However, the spacing of T2 and T4
depends on the PLL clock ratio selected, as shown in Table 15.
CLKin
DATA bus, ECC, and PARITY mode
Pipeline mode—
DP mode output signal
sp13
sp10
sp14a
sp10
Pipeline mode—
sp10
DP mode input signal
sp14
sp10
DATA bus, ECC, and PARITY mode
DP mode input signal
input signals
input signals
sp30
sp33b
sp13a
CLKin
V_CLK
Memory controller signals
sp34/sp30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com