| Moteur de recherche de fiches techniques de composants électroniques |
|
M68ICS08GR Fiches technique(PDF) 58 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR Fiches technique(HTML) 58 Page - Freescale Semiconductor, Inc |
|
58 / 408 page ![]() Low Power Modes Technical Data MC68HC908GR8 — Rev 4.0 58 Low Power Modes MOTOROLA – $FFEC and $FFED; TIM2 overflow – $FFF0 and $FFF1; TIM2 channel 0 • Serial peripheral interface module (SPI) interrupt — A CPU interrupt request from the SPI loads the program counter with the contents of: – $FFE8 and $FFE9; SPI transmitter – $FFEA and $FFEB; SPI receiver • Serial communications interface module (SCI) interrupt — A CPU interrupt request from the SCI loads the program counter with the contents of: – $FFE2 and $FFE3; SCI transmitter – $FFE4 and $FFE5; SCI receiver – $FFE6 and $FFE7; SCI receiver error • Analog-to-digital converter module (ADC) interrupt — A CPU interrupt request from the ADC loads the program counter with the contents of: $FFDE and $FFDF; ADC conversion complete. • Timebase module (TBM) interrupt — A CPU interrupt request from the TBM loads the program counter with the contents of: $FFDC and $FFDD; TBM interrupt. 3.16 Exiting Stop Mode These events restart the system clocks and load the program counter with the reset vector or with an interrupt vector: • External reset — A logic 0 on the RST pin resets the MCU and loads the program counter with the contents of locations $FFFE and $FFFF. • External interrupt — A high-to-low transition on an external interrupt pin loads the program counter with the contents of locations: – $FFFA and $FFFB; IRQ pin – $FFDE and $FFDF; keyboard interrupt pins Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |