| Moteur de recherche de fiches techniques de composants électroniques |
|
M68ICS08GR Fiches technique(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR Fiches technique(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 408 page ![]() Memory Map Technical Data MC68HC908GR8 — Rev 4.0 36 Memory Map MOTOROLA 2.4 Reserved Memory Locations Accessing a reserved location can have unpredictable effects on MCU operation. In the Figure 2-1 and in register figures in this document, reserved locations are marked with the word Reserved or with the letter R. 2.5 Input/Output (I/O) Section Most of the control, status, and data registers are in the zero page area of $0000–$003F. Additional I/O registers have these addresses: • $FE00; SIM break status register, SBSR • $FE01; SIM reset status register, SRSR • $FE03; SIM break flag control register, SBFCR • $FE09; interrupt status register 1, INT1 • $FE0A; interrupt status register 2, INT2 • $FE0B; interrupt status register 3, INT3 • $FE07; reserved FLASH test control register, FLTCR • $FE08; FLASH control register, FLCR • $FE09; break address register high, BRKH • $FE0A; break address register low, BRKL • $FE0B; break status and control register, BRKSCR • $FE0C; LVI status register, LVISR • $FF7E; FLASH block protect register, FLBPR Data registers are shown in Figure 2-2, and Table 2-1 is a list of vector locations. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |