Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260EC Fiches technique(PDF) 27 Page - Freescale Semiconductor, Inc

No de pièce MPC8260EC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC Fiches technique(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8260EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
27
Pinout
D7
B5
D8
A20
D9
E17
D10
B15
D11
B13
D12
A11
D13
E9
D14
B7
D15
B4
D16
D19
D17
D17
D18
D15
D19
C13
D20
B11
D21
A8
D22
A5
D23
C5
D24
C19
D25
C17
D26
C15
D27
D13
D28
C11
D29
B8
D30
A4
D31
E6
D32
E18
D33
B17
D34
A15
D35
A12
D36
D11
D37
C8
D38
E7
D39
A3
D40
D18
D41
A17
Table 14. Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41