| Moteur de recherche de fiches techniques de composants électroniques |
|
TL16C554APNR Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL16C554APNR Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 46 page ![]() TL16C554A, TL16C554AI ASYNCHRONOUS-COMMUNICATIONS ELEMENT SLLS509E − AUGUST 2001 − REVISED JUNE 2010 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION Clock (XTAL1) fclock = 16 MHz MAX tw2 tw1 0.8 V 2 V tw3 RESET 2 V 2 V 0.8 V 0.8 V (a) CLOCK INPUT VOLTAGE WAVEFORM (b) RESET VOLTAGE WAVEFORM Figure 1. Clock Input and RESET Voltage Waveforms 82 pF (see Note A) 680 Ω 2.54 V Device Under Test TL16C554 NOTE A: This includes scope and jig capacitance. Figure 2. Output Load Circuit 9-Pin D Connector Serial Channel 1 Buffers Serial Channel 2 Buffers Serial Channel 3 Buffers Serial Channel 4 Buffers 9-Pin D Connector 9-Pin D Connector 9-Pin D Connector Data Bus Address Bus Control Bus Quadruple ACE TL16C554A Figure 3. Basic Test Configuration |