Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C554APNR Fiches technique(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL16C554APNR
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C554APNR Fiches technique(HTML) 35 Page - Texas Instruments

Back Button TL16C554APNR Datasheet HTML 31Page - Texas Instruments TL16C554APNR Datasheet HTML 32Page - Texas Instruments TL16C554APNR Datasheet HTML 33Page - Texas Instruments TL16C554APNR Datasheet HTML 34Page - Texas Instruments TL16C554APNR Datasheet HTML 35Page - Texas Instruments TL16C554APNR Datasheet HTML 36Page - Texas Instruments TL16C554APNR Datasheet HTML 37Page - Texas Instruments TL16C554APNR Datasheet HTML 38Page - Texas Instruments TL16C554APNR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
reset
After power up, the ACE RESET input should be held high for one microsecond to reset the ACE circuits to an
idle mode until initialization. A high on RESET causes the following:
1.
Initializes the transmitter and receiver internal clock counters.
2.
Clears the LSR, except for transmitter register empty (TEMT) and transmit holding register empty (THRE),
which are set. The MCR is also cleared. All of the discrete lines, memory elements, and miscellaneous logic
associated with these register bits are also cleared or turned off. The LCR, divisor latches, RBR, and
transmitter-buffer register are not affected.
RXRDY operation
In mode 0, RXRDY is asserted (low) when the receive FIFO is not empty; it is released (high) when the FIFO
is empty. In this way, the receiver FIFO is read when RXRDY is asserted (low).
In mode 1, RXRDY is asserted (low) when the receive FIFO has filled to the trigger level or a character time-out
has occurred (four character times with no transmission of characters); it is released (high) when the FIFO is
empty. In this mode, many received characters are read by the DMA device, reducing the number of times it
is interrupted.
RXRDY and TXRDY outputs from each of the four internal ACEs of the TL16C554A are ANDed together
internally. This combined signal is brought out externally to RXRDY and TXRDY.
Following the removal of the reset condition (RESET low), the ACE remains in the idle mode until programmed.
A hardware reset of the ACE sets the THRE and TEMT status bits in the LSR. When interrupts are subsequently
enabled, an interrupt occurs due to THRE. A summary of the effect of a reset on the ACE is given in Table 13.
Table 13. RESET Effects on Registers and Signals
REGISTER/SIGNAL
RESET CONTROL
RESET STATE
Interrupt-enable register
Reset
All bits cleared (0 − 3 forced and 4 − 7 permanent)
Interrupt-identification register
Reset
Bit 0 is set, bits 1, 2, 3, 6, and 7 are cleared,
Bits 4 − 5 are permanently cleared
Line-control register
Reset
All bits cleared
Modem-control register
Reset
All bits cleared (5 − 7 permanent)
FIFO-control register
Reset
All bits cleared
Line-status register
Reset
All bits cleared, except bits 5 and 6 are set
Modem-status register
Reset
Bits 0 − 3 cleared, bits 4 − 7 input signals
TXx
Reset
High
Interrupt (RCVR ERRS)
Read LSR/reset
Low
Interrupt (receiver data ready)
Read RBR/reset
Low
Interrupt (THRE)
Read IIR/write THR/reset
Low
Interrupt (modem status changes)
Read MSR/reset
Low
RTS
Reset
High
DTR
Reset
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46