| Moteur de recherche de fiches techniques de composants électroniques |
|
CC1150-RTR1 Fiches technique(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1150-RTR1 Fiches technique(HTML) 56 Page - Texas Instruments |
|
56 / 67 page ![]() CC1150 SWRS037A Page 56 of 60 0x38 (0xF8): PKTSTATUS – Current GDOx status Bit Field Name Reset R/W Description 7:2 Reserved R0 Defined on the transceiver version ( CC1101). 1 R0 Not Used. 0 GDO0 R Current GDO0 value. Note: the reading gives the non-inverted value irrespective what IOCFG0.GDO0_INV is programmed to. It is not recommended to check for PLL lock by reading PKTSTATUS[0] with GDO0_CFG = 0x0A. 0x39 (0xF9): VCO_VC_DAC – Current setting from PLL calibration module Bit Field Name Reset R/W Description 7:0 VCO_VC_DAC[7:0] R Status registers for test only. 0x3A (0xFA): TXBYTES – Underflow and number of bytes Bit Field Name Reset R/W Description 7 TXFIFO_UNDERFLOW R 6:0 NUM_TXBYTES R Number of bytes in TX FIFO. |