Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC1150-RTR1 Fiches technique(PDF) 30 Page - Texas Instruments

No de pièce CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC1150-RTR1 Fiches technique(HTML) 30 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 26Page - Texas Instruments CC1150-RTR1 Datasheet HTML 27Page - Texas Instruments CC1150-RTR1 Datasheet HTML 28Page - Texas Instruments CC1150-RTR1 Datasheet HTML 29Page - Texas Instruments CC1150-RTR1 Datasheet HTML 30Page - Texas Instruments CC1150-RTR1 Datasheet HTML 31Page - Texas Instruments CC1150-RTR1 Datasheet HTML 32Page - Texas Instruments CC1150-RTR1 Datasheet HTML 33Page - Texas Instruments CC1150-RTR1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
CC1150
SWRS037A
Page 30 of 60
16 Radio Control
TX
19,20
IDLE
1
CALIBRATE
8
MANCAL
3,4,5
SETTLING
9,10
TX_UNDERFLOW
22
FSTXON
18
SFSTXON
FS_AUTOCAL = 00 | 10 | 11
&
STX | SFSTXON
STX
STX
TXFIFO_UNDERFLOW
SFTX
SIDLE
SCAL
CAL_COMPLETE
FS_AUTOCAL = 01
&
STX | SFSTXON
CAL_COMPLETE
CALIBRATE
12
IDLE
1
TXOFF_MODE = 00
&
FS_AUTOCAL = 10 | 11
TXOFF_MODE = 00
&
FS_AUTOCAL = 00 | 01
TXOFF_MODE = 10
FS_WAKEUP
6,7
STX | SFSTXON
SLEEP
0
SPWD
XOFF
2
SXOFF
CSn = 0
CSn = 0
TXOFF_MODE = 01
Figure 16: Radio Control State Diagram
CC1150 has a built-in state machine that is
used to switch between different operations
states (modes). The change of state is done
either by using command strobes or by
internal events such as TX FIFO underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67