Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5510 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Pin Assignments and Reset States
Freescale Semiconductor
10
PF3
83
PF3
AD9
ADDR9
MLBDI /
MLBDAT
MCKO8
GPIO
EBI Muxed Address/Data
EBI Non Muxed Address
MLB Data In (5-pin) /
MLB Bi-directional Data (3-pin)
Nexus Message Clock Out
I/O
I/O
O
I
I/O
O
VDDE3
MH
—
—
63
79
T12
PF4
84
PF4
AD10
ADDR10
MLBSO /
MLBSIG_BUFEN
MDO08
GPIO
EBI Muxed Address/Data
EBI Non Muxed Address
MLB Signal Out (5-pin) /
MLB Signal Level Shifter Enable (3-pin)
Nexus Message Data Out
I/O
I/O
O
O
O
O
VDDE3
MH
—
—
59
74
T10
PF5
85
PF5
AD11
ADDR11
MLBDO /
MLBDAT_BUFEN
MDO18
GPIO
EBI Muxed Address/Data
EBI Non Muxed Address
MLB Data Out (5-pin) /
MLB Data Level Shifter Enable (3-pin)
Nexus Message Data Out
I/O
I/O
O
O
O
O
VDDE3
MH
—
—
58
72
R9
PF6
86
PF6
AD12
ADDR12
MLB_SLOT /
MLB_SIGOBS /
MLB_DATOBS
MDO28
GPIO
EBI Muxed Address/Data
EBI Non Muxed Address
MLB Slot Debug /
MLB Clock Adjust Observe Signal /
MLB Clock Adjust Observe Data
Nexus Message Data Out
I/O
I/O
O
O
O
O
O
VDDE3
MH
—
—
57
68
T8
PF7
87
PF7
AD13
ADDR13
MDO38
GPIO
EBI Muxed Address/Data
EBI Non Muxed Address
Nexus Message Data Out
I/O
I/O
O
O
VDDE3
MH
—
—
56
66
P8
PF8
88
PF8
AD14
ADDR14
MDO48
GPIO
EBI Muxed Address/Data
EBI Non Muxed Address
Nexus Message Data Out
I/O
I/O
O
O
VDDE2
MH
—
—
55
65
N8
PF9
89
PF9
AD15
ADDR15
MDO58
GPIO
EBI Muxed Address/Data
EBI Non Muxed Address
Nexus Message Data Out
I/O
I/O
O
O
VDDE2
MH
—
—
54
64
T7
PF10
90
PF10
CS1
TXD_C
MDO68
GPIO
EBI Chip Select
SCI_C Transmit
Nexus Message Data Out
I/O
O
O
O
VDDE2
MH
—
—
52
62
R7
PF11
91
PF11
CS0
RXD_C
MDO78
GPIO
EBI Chip Select
SCI_C Receive
Nexus Message Data Out
I/O
O
I
O
VDDE2
MH
—
—
51
61
P7
PF12
92
PF12
TS
TXD_D
ALE
GPIO
EBI Transfer Start
SCI_D Transmit
EBI Address Latch Enable
I/O
I/O
O
O
VDDE2
MH
—
—
50
60
N7
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54