Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5510 Fiches technique(PDF) 28 Page - Freescale Semiconductor, Inc

No de pièce MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Fiches technique(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
28
8 RUN mode condition includes PLL selected as source of system clock, XOSC enabled with 40MHz crystal; all
peripheral and cores enabled and running a typical application using both SRAM and flash. Be sure to calculate
the junction temperature, as the maximum current at maximum ambient temperature can exceed the maximum
junction temperature.
9 RUN mode condition includes PLL selected as source of system clock, XOSC enabled with 40MHz crystal, all
peripheral and cores enabled and running a typical application using both SRAM and flash. Only for 208
MAPBGA and only 120C junction or lower. Be sure to calculate the junction temperature, as the maximum current
at maximum ambient temperature can exceed the maximum junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54