Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8250 Fiches technique(PDF) 47 Page - Freescale Semiconductor, Inc

No de pièce MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Fiches technique(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
47
Pinout
D38
H3
D39
F2
D40
Y2
D41
U3
D42
T2
D43
N2
D44
M5
D45
K1
D46
H4
D47
F1
D48
W2
D49
T4
D50
R3
D51
N4
D52
M1
D53
J2
D54
H5
D55
F3
D56
V3
D57
R5
D58
R2
D59
N5
D60
L2
D61
J3
D62
H1
D63
F4
DP0/RSRV/EXT_BR2
AB3
IRQ1/DP1/EXT_BG2
W5
IRQ2/DP2/TLBISYNC/EXT_DBG2
AC2
IRQ3/DP3/CKSTP_OUT/EXT_BR3
AA3
IRQ4/DP4/CORE_SRESET/EXT_BG3
AD1
IRQ5/DP5/TBEN/EXT_DBG3
AC1
IRQ6/DP6/CSE0
AB2
IRQ7/DP7/CSE1
Y3
PSDVAL
D15
Table 22. MPC8250 PBGA Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62