Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8250 Fiches technique(PDF) 46 Page - Freescale Semiconductor, Inc

No de pièce MPC8250
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Fiches technique(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
46
Freescale Semiconductor
Pinout
D3
P4
D4
N3
D5
K5
D6
J4
D7
G1
D8
AB1
D9
U4
D10
U2
D11
N6
D12
N1
D13
L1
D14
J5
D15
G3
D16
AA2
D17
W1
D18
T3
D19
T1
D20
M2
D21
K2
D22
J1
D23
G4
D24
U5
D25
T5
D26
P5
D27
P3
D28
M3
D29
K3
D30
H2
D31
G5
D32
AA1
D33
V2
D34
U1
D35
P2
D36
M4
D37
K4
Table 22. MPC8250 PBGA Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62