| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN8720AI Fiches technique(PDF) 59 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN8720AI Fiches technique(HTML) 59 Page - SMSC Corporation |
|
59 / 79 page ![]() Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support Datasheet SMSC LAN8720A/LAN8720Ai 59 Revision 1.4 (08-23-12) DATASHEET 4.2.11 Special Control/Status Indications Register Index (In Decimal): 27 Size: 16 bits BITS DESCRIPTION TYPE DEFAULT 15 AMDIXCTRL HP Auto-MDIX control: 0 = Enable Auto-MDIX 1 = Disable Auto-MDIX (use 27.13 to control channel) R/W 0b 14 RESERVED RO - 13 CH_SELECT Manual channel select: 0 = MDI (TX transmits, RX receives) 1 = MDIX (TX receives, RX transmits) R/W 0b 12 RESERVED RO - 11 SQEOFF Disable the SQE test (Heartbeat): 0 = SQE test is enabled 1 = SQE test is disabled R/W NASR 0b 10:5 RESERVED RO - 4 XPOL Polarity state of the 10BASE-T: 0 = Normal polarity 1 = Reversed polarity RO 0b 3:0 RESERVED RO - |