| Moteur de recherche de fiches techniques de composants électroniques |
|
dsPIC33FJ64GS406 Fiches technique(PDF) 126 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 Fiches technique(HTML) 126 Page - Microchip Technology |
|
126 / 456 page ![]() dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 DS70591E-page 126 2009-2012 Microchip Technology Inc. 63-64 55-56 0x000082- 0x000084 0x000182- 0x000184 Reserved 65 57 0x000086 0x000186 PWM PSEM Special Event Match 66 58 0x000088 0x000188 QEI1 – Position Counter Compare 67-72 59-64 0x00008A- 0x000094 0x00018A- 0x000194 Reserved 73 65 0x000096 0x000196 U1E – UART1 Error Interrupt 74 66 0x000098 0x000198 U2E – UART2 Error Interrupt 75-77 67-69 0x00009A- 0x00009E 0x00019A- 0x00019E Reserved 78 70 0x0000A0 0x0001A0 C1TX – ECAN1 Transmit Data Request 79 71 0x0000A2 0x0001A2 Reserved 80 72 0x0000A4 0x0001A4 Reserved 81 73 0x0000A6 0x0001A6 PWM Secondary Special Event Match 82 74 0x0000A8 0x0001A8 Reserved 83 75 0x0000AA 0x0001AA QEI2 – Position Counter Compare 84-88 76-80 0x0000AC- 0x0000B4 0x0001AC- 0x0001B4 Reserved 89 81 0x0000B6 0x0001B6 ADC Pair 8 Conversion Done 90 82 0x0000B8 0x0001B8 ADC Pair 9 Conversion Done 91 83 0x0000BA 0x0001BA ADC Pair 10 Conversion Done 92 84 0x0000BC 0x0001BC ADC Pair 11 Conversion Done 93 85 0x0000BE 0x0001BE ADC Pair 12 Conversion Done 94-101 86-93 0x0000C0- 0x0000CE 0x0001C0- 0x0001CE Reserved 102 94 0x0000D0 0x0001D0 PWM1 – PWM1 Interrupt 103 95 0x0000D2 0x0001D2 PWM2 – PWM2 Interrupt 104 96 0x0000D4 0x0001D4 PWM3 – PWM3 Interrupt 105 97 0x0000D6 0x0001D6 PWM4 – PWM4 Interrupt 106 98 0x0000D8 0x0001D8 PWM5 – PWM5 Interrupt 107 99 0x0000DA 0x0001DA PWM6 – PWM6 Interrupt 108 100 0x0000DC 0x0001DC PWM7– PWM7 Interrupt 109 101 0x0000DE 0x0001DE PWM8 – PWM8 Interrupt 110 102 0x0000E0 0x0001E0 PWM9 – PWM9 Interrupt 111 103 0x0000E2 0x00001E2 CMP2 – Analog Comparator 2 112 104 0x0000E4 0x0001E4 CMP3 – Analog Comparator 3 113 105 0x0000E6 0x0001E6 CMP4 – Analog Comparator 4 114-117 106-109 0x0000E8- 0x0000EE 0x0001E8- 0x0001EE Reserved 118 110 0x0000F0 0x0001F0 ADC Pair 0 Convert Done 119 111 0x0000F2 0x0001F2 ADC Pair 1 Convert Done 120 112 0x0000F4 0x0001F4 ADC Pair 2 Convert Done 121 113 0x0000F6 0x0001F6 ADC Pair 3 Convert Done 122 114 0x0000F8 0x0001F8 ADC Pair 4 Convert Done 123 115 0x0000FA 0x0001FA ADC Pair 5 Convert Done 124 116 0x0000FC 0x0001FC ADC Pair 6 Convert Done 125 117 0x0000FE 0x0001FE ADC Pair 7 Convert Done Lowest Natural Order Priority TABLE 7-1: INTERRUPT VECTORS (CONTINUED) Vector Number Interrupt Request (IQR) IVT Address AIVT Address Interrupt Source |