| Moteur de recherche de fiches techniques de composants électroniques |
|
dsPIC33FJ64GS406 Fiches technique(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 Fiches technique(HTML) 96 Page - Microchip Technology |
|
96 / 456 page ![]() TABLE 4-58: NVM REGISTER MAP TABLE 4-59: PMD REGISTER MAP FOR dsPIC33FJ64GS610 DEVICES TABLE 4-60: PMD REGISTER MAP FOR dsPIC33FJ32GS610 DEVICES File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets NVMCON 0760 WR WREN WRERR — — — — — —ERASE — —NVMOP<3:0> 0000(1) NVMKEY 0766 — — — — — — — — NVMKEY<7:0> 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: Reset value shown is for POR only. Value on other Reset states is dependent on the state of memory write or erase operations at the time of Reset. File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets PMD1 0770 T5MD T4MD T3MD T2MD T1MD QEI1MD PWMMD — I2C1MD U2MD U1MD SPI2MD SPI1MD —C1MD ADCMD 0000 PMD2 0772 — — — — IC4MD IC3MD IC2MD IC1MD — — — — OC4MD OC3MD OC2MD OC1MD 0000 PMD3 0774 — — — — — CMPMD — — — —QEI2MD — — —I2C2MD — 0000 PMD4 0776 — — — — — — — — — — — —REFOMD — — — 0000 PMD6 077A PWM8MD PWM7MD PWM6MD PWM5MD PWM4MD PWM3MD PWM2MD PWM1MD — — — — — — — — 0000 PMD7 077C — — — — CMP4MD CMP3MD CMP2MD CMP1MD — — — — — — —PWM9MD 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets PMD1 0770 T5MD T4MD T3MD T2MD T1MD QEI1MD PWMMD — I2C1MD U2MD U1MD SPI2MD SPI1MD — — ADCMD 0000 PMD2 0772 — — — — IC4MD IC3MD IC2MD IC1MD — — — — OC4MD OC3MD OC2MD OC1MD 0000 PMD3 0774 — — — — — CMPMD — — — —QEI2MD — — —I2C2MD — 0000 PMD4 0776 — — — — — — — — — — — —REFOMD — — — 0000 PMD6 077A PWM8MD PWM7MD PWM6MD PWM5MD PWM4MD PWM3MD PWM2MD PWM1MD — — — — — — — — 0000 PMD7 077C — — — — CMP4MD CMP3MD CMP2MD CMP1MD — — — — — — —PWM9MD 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |