| Moteur de recherche de fiches techniques de composants électroniques |
|
dsPIC33FJ64GS406 Fiches technique(PDF) 444 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 Fiches technique(HTML) 444 Page - Microchip Technology |
|
444 / 456 page ![]() dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 DS70591E-page 444 2009-2012 Microchip Technology Inc. Revision E (October 2012) This revision removes the Preliminary watermark and includes minor typographical and formatting changes throughout the data sheet. Section 27.0 “Electrical Characteristics” (Continued) Updated the Timer1, Timer2, and Timer3 External Clock Timing Requirements (see Table 27-23, Table 27-24, and Table 27-25). Updated the Simple OC/PWM Mode Timing Requirements (see Table 27-28). Updated all SPI Timing specifications (see Figure 27-11-Figure 27-18 and Table 27-30-Table 27-37). Added Note 2 to the 10-bit High-Speed ADC Module Specifications (see Table 27-40). Added Note 2 to the 10-bit High-Speed ADC Module Timing Requirements (see Table 27-41). Added parameter DA08 to the DAC Module Specifications (see Table 27-43). Updated parameter DA16 in the DAC Output Buffer Specifications (see Table 27-44). Added DMA Read/Write Timing Requirements (see Table 27-49). Section 28.0 “50 MIPS Electrical Characteristics” Added new chapter with electrical specifications for 50 MIPS devices. Section 29.0 “DC and AC Device Characteristics Graphs” Added new chapter. TABLE B-3: MAJOR SECTION UPDATES (CONTINUED) Section Name Update Description |