| Moteur de recherche de fiches techniques de composants électroniques |
|
dsPIC33FJ64GS406 Fiches technique(PDF) 328 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 Fiches technique(HTML) 328 Page - Microchip Technology |
|
328 / 456 page ![]() dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 DS70591E-page 328 2009-2012 Microchip Technology Inc. bit 4-0 TRGSRC4<4:0>: Trigger 4 Source Selection bits Selects trigger source for conversion of Analog Channels AN9 and AN8. 11111 = Timer2 period match 11110 = PWM Generator 8 current-limit ADC trigger 11101 = PWM Generator 7 current-limit ADC trigger 11100 = PWM Generator 6 current-limit ADC trigger 11011 = PWM Generator 5 current-limit ADC trigger 11010 = PWM Generator 4 current-limit ADC trigger 11001 = PWM Generator 3 current-limit ADC trigger 11000 = PWM Generator 2 current-limit ADC trigger 10111 = PWM Generator 1 current-limit ADC trigger 10110 = PWM Generator 9 secondary trigger selected 10101 = PWM Generator 8 secondary trigger selected 10100 = PWM Generator 7 secondary trigger selected 10011 = PWM Generator 6 secondary trigger selected 10010 = PWM Generator 5 secondary trigger selected 10001 = PWM Generator 4 secondary trigger selected 10000 = PWM Generator 3 secondary trigger selected 01111 = PWM Generator 2 secondary trigger selected 01110 = PWM Generator 1 secondary trigger selected 01101 = PWM secondary special event trigger selected 01100 = Timer1 period match 01011 = PWM Generator 8 primary trigger selected 01010 = PWM Generator 7 primary trigger selected 01001 = PWM Generator 6 primary trigger selected 01000 = PWM Generator 5 primary trigger selected 00111 = PWM Generator 4 primary trigger selected 00110 = PWM Generator 3 primary trigger selected 00101 = PWM Generator 2 primary trigger selected 00100 = PWM Generator 1 primary trigger selected 00011 = PWM special event trigger selected 00010 = Global software trigger selected 00001 = Individual software trigger selected 00000 = No conversion is enabled REGISTER 22-8: ADCPC2: ADC CONVERT PAIR CONTROL REGISTER 2 (CONTINUED) Note 1: The trigger source must be set as a global software trigger prior to setting this bit to ‘1’. If other conversions are in progress, the conversion is performed when the conversion resources are available. |