| Moteur de recherche de fiches techniques de composants électroniques |
|
dsPIC33FJ64GS406 Fiches technique(PDF) 312 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 Fiches technique(HTML) 312 Page - Microchip Technology |
|
312 / 456 page ![]() dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 DS70591E-page 312 2009-2012 Microchip Technology Inc. FIGURE 22-2: ADC BLOCK DIAGRAM FOR dsPIC33FJ32GS606 AND dsPIC33FJ64GS606 DEVICES WITH TWO SARS Even Numbered Inputs with Dedicated Even Numbered Inputs SAR Core Seven Registers 16-Bit Sample and Hold (S&H) Circuits AN0 AN8 AN24(1) AN5 AN10 AN2 AN4 AN6 AN12 AN1 AN3 (EXTREF) AN14 AN9 AN11 AN13 AN15 AN25(2) (INTREF) SAR Core Seven Registers 16-Bit with Shared S&H Odd Numbered Inputs with Shared S&H Note 1: AN24 (EXTREF) is an internal analog input. To measure the voltage at AN24 (EXTREF), an analog comparator must be enabled and EXTREF must be selected as the comparator reference. 2: AN25 (INTREF) is an internal analog input and is not available on a pin. |