Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO4-168P Fiches technique(PDF) 2 Page - Amphenol Corporation

No de pièce IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Fiches technique(HTML) 2 Page - Amphenol Corporation

  IO4-168P Datasheet HTML 1Page - Amphenol Corporation IO4-168P Datasheet HTML 2Page - Amphenol Corporation IO4-168P Datasheet HTML 3Page - Amphenol Corporation IO4-168P Datasheet HTML 4Page - Amphenol Corporation IO4-168P Datasheet HTML 5Page - Amphenol Corporation IO4-168P Datasheet HTML 6Page - Amphenol Corporation IO4-168P Datasheet HTML 7Page - Amphenol Corporation IO4-168P Datasheet HTML 8Page - Amphenol Corporation IO4-168P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Amphenol® Bristle Brush Contact:
Multiple Strands of High Tensile Strength
Wires Bundled Together, Providing Superior
Electrical Connection with Low Mating Force
Amphenol’s Broad Family
of Low Mating Force
Interconnect Products
with Brush Contacts
The Bristle Brush contact has been
proven in military avionics pack-
ages and meets the requirements
of MIL-DTL-55302. It provides high
density in tighter spacing, low mat-
ing/unmating forces, proven durabil-
ity and long contact life. Applications
for Amphenol® Connectors with
Brush contacts include:
• Medical equipment
• IC chip testers
• Telecommunications
• Military and Commercial Aviation
• Military Ground Vehicles
• GPS systems
Other Similar Rectangular
Connectors from Amphenol
For more information, see additional Amphenol
Rectangular Products at the end of this catalog.
Design Flexibility -
Combination of Brush
Contacts and Fiber
Optic Termini
Combination of Brush
Contacts, Coax and
Power Contacts
Power Strip Connector
Series with cavities for
size 16 or 12 power
contacts (or size 16 or
12 coax contacts).
Hybrid Custom
Connector with Brush
Contacts and
Power Contacts
Docking Connectors -
The Brush Contact
offers high performance
where frequent docking
to charge and transfer
data is a necessity.
High Density
HDB3 and HSB3 Series
LRM (Line Replaceable Module)
Interconnects
Ruggedized
Brush Rack & Panel
Connectors
Ruggedized
VME64x Interconnects
High Speed LRM
Gigastak &
Digastak Inserts
Amphenol® Low Mating Force
Rectangular Connectors
12-035-12
www.amphenol-aerospace.com
Visit our website and see the very broad range of cylindrical and
rectangular interconnection products from Amphenol Aerospace.
Amphenol Corporation
Amphenol Aerospace Operations
40-60 Delaware Avenue, Sidney, New York 13838-1395
Phone: 800-678-0141 or 607-563-5011 Fax: 607-563-5157
www.amphenol-aerospace.com
Amphenol
Aerospace
MIL-DTL-55302
BRUSH CONTACT TECHNOLOGY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44