Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7607 Fiches technique(PDF) 30 Page - Analog Devices

No de pièce AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7607 Fiches technique(HTML) 30 Page - Analog Devices

Back Button AD7607 Datasheet HTML 24Page - Analog Devices AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices AD7607 Datasheet HTML 30Page - Analog Devices AD7607 Datasheet HTML 31Page - Analog Devices AD7607 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD7607
Data Sheet
Rev. B | Page 30 of 32
To ensure good device-to-device performance matching in
a system that contains multiple AD7607 devices, a symmetrical
layout between the devices is important.
Figure 54 shows a layout with two AD7607 devices. The AVCC
supply plane runs to the right of both devices. The VDRIVE supply
track runs to the left of the two AD7607 devices. The reference chip
is positioned between the two AD7607 devices, and the reference
voltage track runs north to Pin 42 of U1 and south to Pin 42 of
U2. A solid ground plane is used. These symmetrical layout
principles can also be applied to a system that contains more
than two AD7607 devices. The AD7607 devices can be placed
in a north-south direction with the reference voltage located
midway between the AD7607 devices and the reference track
running in the north-south direction, similar to Figure 54.
AVCC
U2
U1
AVCC
U2
U1
Figure 54. Layout for Multiple AD7607 Devices—Top Layer and
Supply Plane Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32