Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7607 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7607 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7607 Datasheet HTML 5Page - Analog Devices AD7607 Datasheet HTML 6Page - Analog Devices AD7607 Datasheet HTML 7Page - Analog Devices AD7607 Datasheet HTML 8Page - Analog Devices AD7607 Datasheet HTML 9Page - Analog Devices AD7607 Datasheet HTML 10Page - Analog Devices AD7607 Datasheet HTML 11Page - Analog Devices AD7607 Datasheet HTML 12Page - Analog Devices AD7607 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD7607
Rev. B | Page 9 of 32
DATA:
DB[15:0]
FRSTDATA
CS AND RD
V1
V2
V3
V4
V5
V6
V7
V8
t12
t13
t16
t17
Figure 5. Linked Parallel Mode, CS and RD
SCLK
DOUTA,
DOUTB
FRSTDATA
CS
DB13
DB12
DB11
DB1
DB0
t18
t19
t21
t20
t23
t29
t28
t25
t22
Figure 6. Serial Read Operation (Channel 1)
DATA: DB[7:0]
FRSTDATA
CS
RD
INVALID
HIGH
BYTE V1
LOW
BYTE V1
HIGH
BYTE V8
LOW
BYTE V8
t8
t13
t14
t24
t26
t27
t11
t17
t29
t16
t9
t15
t10
Figure 7. BYTE Mode Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32