| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F87 Fiches technique(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 Fiches technique(HTML) 65 Page - Microchip Technology |
|
65 / 230 page ![]() 2002-2013 Microchip Technology Inc. DS30487D-page 65 PIC16F87/88 FIGURE 5-14: BLOCK DIAGRAM OF RB6/AN5(3)/PGC/T1OSO/T1CKI PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR PORTB WR TRISB Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch Q3 Q1 Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 3: PIC16F88 devices only. PGC/T1CKI Analog TTL Input Buffer Input Mode T1OSCEN/ICD/PROG From T1OSCO Output To A/D Module Channel Input (PIC16F88 only) Analog Input Mode Mode |