| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F87 Fiches technique(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 Fiches technique(HTML) 64 Page - Microchip Technology |
|
64 / 230 page ![]() PIC16F87/88 DS30487D-page 64 2002-2013 Microchip Technology Inc. FIGURE 5-13: BLOCK DIAGRAM OF RB5/SS/TX/CK PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR WR Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch Q3 Q1 PORTB Peripheral Input Port/SSPEN Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. TRISB TTL Input Buffer |