| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP73853 Fiches technique(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73853 Fiches technique(HTML) 29 Page - Microchip Technology |
|
29 / 32 page ![]() 2004-2013 Microchip Technology Inc. DS21915C-page 29 MCP73853/55 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device MCP73853: USB compatible charge controller with temperature monitor MCP73853T: USB compatible charge controller with temperature monitor, Tape and Reel MCP73855: USB compatible charge controller MCP73855T: USB compatible charge controller, Tape and Reel Temperature Range I = -40 C to +85C (Industrial) Package ML = Plastic Quad Flat No Lead, 4x4 mm Body (QFN), 16-Lead MF = Plastic Dual Flat No Lead, 3x3 mm Body (DFN), 10-Lead PART NO. X XX Package Temperature Range Device Examples: a) MCP73853T-I/ML: Tape and Reel, USB compatible charge controller with tempera- ture monitor b) MCP73853-I/ML: USB compatible charge controller with tempera- ture monitor a) MCP73855T-I/MF: Tape and Reel, USB compatible charge controller b) MCP73855-I/MF: USB compatible charge controller |