Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP73853 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MCP73853
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73853 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MCP73853_13 Datasheet HTML 17Page - Microchip Technology MCP73853_13 Datasheet HTML 18Page - Microchip Technology MCP73853_13 Datasheet HTML 19Page - Microchip Technology MCP73853_13 Datasheet HTML 20Page - Microchip Technology MCP73853_13 Datasheet HTML 21Page - Microchip Technology MCP73853_13 Datasheet HTML 22Page - Microchip Technology MCP73853_13 Datasheet HTML 23Page - Microchip Technology MCP73853_13 Datasheet HTML 24Page - Microchip Technology MCP73853_13 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2004-2013 Microchip Technology Inc.
DS21915C-page 21
MCP73853/55
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
16-Lead QFN (MCP73853)
Example
PIN 1
PIN 1
10-Lead DFN (MCP73855) (3x3x0.9 mm)
Example
XXXX
YYWW
NNN
PIN 1
PIN 1
73853
I/ML
1139
256
3855
I139
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32