| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP121 Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP121 Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 28 page ![]() 2004-2013 Microchip Technology Inc. DS21906C-page 15 MCP102/103/121/131 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 3-Lead TO-92 XXXXXX XXXXXX XXXXXX YWWNNN Example: MCP102 195I TO^^ 547256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 3-Pin SOT-23 Part Number MCP1xx = MCP102 MCP103 MCP121 MCP131 MCP1xxT-195I/TT JGNN TGNN LGNN KGNN MCP1xxT-240ETT JHNN THNN LHNN KHNN MCP1xxT-270E/TT JJNN TJNN LJNN KJNN MCP1xxT-300E/TT JKNN TKNN LKNN KKNN MCP1xxT-315E/TT JLNN TLNN LLNN KLNN MCP1xxT-450E/TT JMNN TMNN LMNN KMNN MCP1xxT-475E/TT JPNN TPNN LPNN KPNN Example: XXNN |