Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP121 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MCP121
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MCP121 Datasheet HTML 10Page - Microchip Technology MCP121 Datasheet HTML 11Page - Microchip Technology MCP121 Datasheet HTML 12Page - Microchip Technology MCP121 Datasheet HTML 13Page - Microchip Technology MCP121 Datasheet HTML 14Page - Microchip Technology MCP121 Datasheet HTML 15Page - Microchip Technology MCP121 Datasheet HTML 16Page - Microchip Technology MCP121 Datasheet HTML 17Page - Microchip Technology MCP121 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MCP102/103/121/131
DS21906C-page 14
 2004-2013 Microchip Technology Inc.
4.4
Using in PIC® Microcontroller,
ICSP™ Applications (MCP121
only)
Figure 4-5 shows the typical application circuit for using
the MCP121 for voltage superviory function when the
PIC microcontroller will be programmed via the ICSP
feature. Additional information is available in TB087,
“Using Voltage Supervisors with PIC® Microcontroller
Systems which Implement In-Circuit Serial Program-
ming™”, DS91087.
FIGURE 4-5:
Typical Application Circuit
for PIC® Microcontroller with the ICSP™ feature.
Note:
It is recommended that the current into the
RST pin be current limited by a 1 k
resistor.
VDD/VPP
VDD
MCLR
(Reset Input)
(Active-low)
VSS
PIC®
MCU
RPU
0.1µF
1k
MCP121
VDD
RST
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28