| Moteur de recherche de fiches techniques de composants électroniques |
|
RA6 Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RA6 Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 18 2010-2012 Microchip Technology Inc. RG2/AN14/CPS14/RX2/DT2/ C3IN+/SEG44 RG2 ST CMOS General purpose I/O. AN14 AN — A/D Channel input. CPS14 AN — Capacitive sensing input. RX2 ST — USART2 asynchronous input. DT2 ST CMOS USART2 synchronous data. C3IN+ AN — Comparator positive input. SEG44 — AN LCD Analog output. RG3/AN13/CPS13/C3IN0-/ CCP4/P3D/SEG45 RG3 ST CMOS General purpose I/O. AN13 AN — A/D Channel input. CPS13 AN — Capacitive sensing input. C3IN0- AN — Comparator negative input. CCP4 ST CMOS Capture/Compare/PWM. P3D — CMOS PWM output. SEG45 — AN LCD Analog output. RG4/AN12/CPS12/C3IN1-/ CCP5/P1D/SEG26 RG4 ST CMOS General purpose I/O. AN12 AN — A/D Channel input. CPS12 AN — Capacitive sensing input. C3IN1- AN — Comparator negative input. CCP5 ST CMOS Capture/Compare/PWM. P1D — CMOS PWM output. SEG26 — AN LCD Analog output. RG5/MCLR/VPP RG5 ST — General purpose input. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. VDD VDD Power — Positive supply. VSS VSS Power — Ground reference. TABLE 1-2: PIC16(L)F1946/47 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Pin function is selectable via the APFCON register. |