| Moteur de recherche de fiches techniques de composants électroniques |
|
RA6 Fiches technique(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RA6 Fiches technique(HTML) 11 Page - Microchip Technology |
|
11 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 11 PIC16(L)F1946/47 1.0 DEVICE OVERVIEW The PIC16(L)F1946/47 are described within this data sheet. They are available in 64-pin packages. Figure 1-1 shows a block diagram of the PIC16(L)F1946/47 devices. Table 1-2 shows the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral ADC ●● Capacitive Sensing (CPS) Module ●● Data EEPROM ●● Digital-to-Analog Converter (DAC) ●● Fixed Voltage Reference (FVR) ●● LCD ●● SR Latch ●● Capture/Compare/PWM Modules ECCP1 ●● ECCP2 ●● ECCP3 ●● CCP4 ●● CCP5 ●● Comparators C1 ●● C2 ●● C3 ●● EUSARTS EUSART1 ●● EUSART2 ●● Master Synchronous Serial Ports MSSP1 ●● MSSP2 ●● Timers Timer0 ●● Timer1 ●● Timer2 ●● Timer4 ●● Timer6 ●● |