| Moteur de recherche de fiches techniques de composants électroniques |
|
INTEDG Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
INTEDG Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 16 2010-2012 Microchip Technology Inc. RE1/P2C(1)/VLCD2 RE1 ST CMOS General purpose I/O. P2C — CMOS PWM output. VLCD2 AN — LCD analog input. RE2/P2B(1)/VLCD3 RE2 ST CMOS General purpose I/O. P2B — CMOS PWM output. VLCD3 AN — LCD analog input. RE3/P3C(1)/COM0 RE3 ST CMOS General purpose I/O. P3C — CMOS PWM output. COM0 — AN LCD Analog output. RE4/P3B(1)/COM1 RE4 ST CMOS General purpose I/O. P3B — CMOS PWM output. COM1 — AN LCD Analog output. RE5/P1C(1)/COM2 RE5 ST CMOS General purpose I/O. P1C — CMOS PWM output. COM2 — AN LCD Analog output. RE6/P1B(1)/COM3 RE6 ST — General purpose I/O. P1B — CMOS PWM output. COM3 — AN LCD Analog output. RE7/CCP2(1)/P2A(1)/SEG31 RE7 ST CMOS General purpose I/O. CCP2 ST CMOS Capture/Compare/PWM. P2A — CMOS PWM output. SEG31 — AN LCD analog output. RF0/AN16/CPS16/C12IN0-/ SEG41/VCAP RF0 ST CMOS General purpose I/O. AN16 AN — A/D Channel input. CPS16 AN — Capacitive sensing input. C1IN0- AN — Comparator negative input. C2IN0- AN — Comparator negative input. SEG41 — AN LCD Analog output. VCAP Power Power Filter capacitor for Voltage Regulator. RF1/AN6/CPS6/C2OUT/SRNQ/ SEG19 RF1 ST CMOS General purpose I/O. AN6 AN — A/D Channel input. CPS6 AN — Capacitive sensing input. C2OUT — CMOS Comparator output. SRNQ — CMOS SR Latch inverting output. SEG19 — AN LCD Analog output. RF2/AN7/CPS7/C1OUT/SRQ/ SEG20 RF2 ST CMOS General purpose I/O. AN7 AN — A/D Channel input. CPS7 AN — Capacitive sensing input. C1OUT — CMOS Comparator output. SRQ — CMOS SR Latch non-inverting output. SEG20 — AN LCD Analog output. TABLE 1-2: PIC16(L)F1946/47 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Pin function is selectable via the APFCON register. |