| Moteur de recherche de fiches techniques de composants électroniques |
|
INTEDG Fiches technique(PDF) 252 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
INTEDG Fiches technique(HTML) 252 Page - Microchip Technology |
|
252 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 252 2010-2012 Microchip Technology Inc. FIGURE 24-9: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 24-10: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCKx (CKP = 1 SCKx (CKP = 0 Input Sample SDIx bit 7 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPxIF Interrupt CKE = 0) CKE = 0) Write to SSPxBUF SSPxSR to SSPxBUF SSx Flag Optional bit 0 detection active Write Collision Valid SCKx (CKP = 1 SCKx (CKP = 0 Input Sample SDIx bit 7 bit 0 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPxIF Interrupt CKE = 1) CKE = 1) Write to SSPxBUF SSPxSR to SSPxBUF SSx Flag Not Optional Write Collision detection active Valid |