Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZMM22B Fiches technique(PDF) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

No de pièce ZMM22B
Description  SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Site Internet  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM22B Fiches technique(HTML) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM22B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM22B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM22B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM22B Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM22B Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM22B Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM22B Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM22B Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZMM1B...ZMM200B
6
100
Admissible power dissipation
versus ambient temperature
Valid provided that electrodes are kept
at ambient temperature.
2
10
-3
0
-4
10
-5
10
10
-2
10
-1
10
i F
10
1
3
10
mA
0.6
0.4
0.2
VF
1 V
0.8
Tj=25 C
Tj=100 C
o
o
0
0
100
100
Tamb
200
Ptot
300
400
40
30
20
010
Forward characteristics
ZMM...
0
2
4
90
70
80
60
50
500
mW
Vz
o
200 C
V
ZMM...
Breakdown characteristics
Tj = constant (pulsed)
Test current Iz
5mA
Iz
8
10
mA
ZMM43B
ZMM39B
ZMM51B
ZMM...
Tj=25 C
o
ZMM47B
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3 4 5 6 7 8