Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STM32F303
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STM32F303 Datasheet HTML 45Page - STMicroelectronics STM32F303 Datasheet HTML 46Page - STMicroelectronics STM32F303 Datasheet HTML 47Page - STMicroelectronics STM32F303 Datasheet HTML 48Page - STMicroelectronics STM32F303 Datasheet HTML 49Page - STMicroelectronics STM32F303 Datasheet HTML 50Page - STMicroelectronics STM32F303 Datasheet HTML 51Page - STMicroelectronics STM32F303 Datasheet HTML 52Page - STMicroelectronics STM32F303 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 133 page
background image
Table 17.
Alternate functions for port F
Port &
Pin Name
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PF0
I2C2_SDA
TIM1_CH3N
PF1
I2C2_SCL
PF2
EVENTOUT
PF4
EVENTOUT
COMP1_OUT
PF6
EVENTOUT
TIM4_CH4
I2C2_SCL
USART3_RTS
PF9
EVENTOUT
TIM15_CH1
SPI2_SCK
PF10
EVENTOUT
TIM15_CH2
SPI2_SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More