| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303 Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303 Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 133 page ![]() Table 13. Alternate functions for port B Port & Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF12 AF15 PB0 TIM3_ CH3 TSC_ G3_IO2 TIM8_ CH2N TIM1_CH2N EVENT OUT PB1 TIM3_ CH4 TSC_ G3_IO3 TIM8_ CH3N TIM1_CH3N COMP4_ OUT EVENT OUT PB2 TSC_ G3_IO4 EVENT OUT PB3 JTDO- TRACES WO TIM2_ CH2 TIM4_ ETR TSC_ G5_IO1 TIM8_ CH1N SPI1_ SCK SPI3_SCK, I2S3_CK USART2_ TX TIM3_ ETR EVENT OUT PB4 NJTRST TIM16_ CH1 TIM3_ CH1 TSC_ G5_IO2 TIM8_ CH2N SPI1_ MISO SPI3_MISO, I2S3ext_SD USART2_ RX TIM17_ BKIN EVENT OUT PB5 TIM16_ BKIN TIM3_ CH2 TIM8_ CH3N I2C1_ SMBA SPI1_ MOSI SPI3_MOSI, I2S3_SD USART2_ CK TIM17_ CH1 EVENT OUT PB6 TIM16_ CH1N TIM4_ CH1 TSC_ G5_IO3 I2C1_SCL TIM8_CH1 TIM8_ ETR USART1_ TX TIM8_ BKIN2 EVENT OUT PB7 TIM17_ CH1N TIM4_ CH2 TSC_ G5_IO4 I2C1_ SDA TIM8_ BKIN USART1_ RX TIM3_ CH4 EVENT OUT PB8 TIM16_ CH1 TIM4_ CH3 TSC_ SYNC I2C1_SCL COMP1_ OUT CAN_RX TIM8_ CH2 TIM1_ BKIN EVENT OUT PB9 TIM17_ CH1 TIM4_ CH4 I2C1_ SDA IR_OUT COMP2_ OUT CAN_TX TIM8_ CH3 EVENT OUT PB10 TIM2_ CH3 TSC_ SYNC USART3_ TX EVENT OUT PB11 TIM2_ CH4 TSC_ G6_IO1 USART3_ RX EVENT OUT PB12 TSC_ G6_IO2 I2C2_ SMBA SPI2_NSS, I2S2_WS TIM1_ BKIN USART3_ CK EVENT OUT |