| Moteur de recherche de fiches techniques de composants électroniques |
|
2STL2580 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STL2580 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 14 page ![]() This is information on a product in full production. June 2012 Doc ID 18292 Rev 3 1/14 14 2STL2580 High voltage fast switching NPN power transistor Datasheet −production data Features ■ High voltage capability ■ Fast switching speed Applications ■ Lighting ■ Switch mode power supply Description This device is a high voltage fast-switching NPN power transistor. It is manufactured using high voltage multi epitaxial planar technology for high switching speeds and medium voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining a wide RBSOA. The device is designed for use in lighting applications and low cost switch-mode power supplies. Figure 1. Internal schematic diagram TO-92MOD TO-92MOD Ammopack Table 1. Device summary Order codes Marking Package Packaging 2STL2580 2STL2580 TO-92MOD Bag 2STL2580-AP 2STL2580 TO-92MOD Ammopack www.st.com |
Numéro de pièce similaire - 2STL2580 |
|
Description similaire - 2STL2580 |