| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC4350 Fiches technique(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4350 Fiches technique(HTML) 49 Page - NXP Semiconductors |
|
49 / 153 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 4 — 26 March 2013 49 of 153 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller PD_15 T15 P13 - 101 - [2] N; PU - R — Function reserved. - R — Function reserved. I/O EMC_A17 — External memory address line 17. - R — Function reserved. I/O GPIO6[29] — General purpose digital input/output pin. I SD_WP — SD/MMC card write protect input. O CTOUT_8 — SCT output 8. Match output 0 of timer 2. - R — Function reserved. PD_16 R14 P12 - 104 - [2] N; PU - R — Function reserved. - R — Function reserved. I/O EMC_A16 — External memory address line 16. - R — Function reserved. I/O GPIO6[30] — General purpose digital input/output pin. O SD_VOLT2 — SD/MMC bus voltage select output 2. O CTOUT_12 — SCT output 12. Match output 3 of timer 3. - R — Function reserved. PE_0 P14 N12 - 106 - [2] N; PU - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O EMC_A18 — External memory address line 18. I/O GPIO7[0] — General purpose digital input/output pin. O CAN1_TD — CAN1 transmitter output. - R — Function reserved. - R — Function reserved. PE_1 N14 M12 - 112 - [2] N; PU - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O EMC_A19 — External memory address line 19. I/O GPIO7[1] — General purpose digital input/output pin. I CAN1_RD — CAN1 receiver input. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |